PART |
Description |
Maker |
BZT52C47 BZT52C5V6 BZT52C5V1 BZT52C4V7 BZT52C51 BZ |
Surface mount Zener Diodes Hex Schmitt-Trigger Inverter 14-SSOP -40 to 125 3-Line To 8-Line decoder/Demultiplexer 16-SO -40 to 85 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC -40 to 125 22.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-Line To 8-Line decoder/Demultiplexer 16-SOIC -40 to 85 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual 2-Line To 4-Line Decoder/Demultiplexer 16-SO -40 to 85 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG Microsemi, Corp.
|
KBPC3500G KBPC3500GW KBPC3501G KBPC3501GW KBPC3502 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 15,25,35阿玻璃钝化整流桥 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 15,25,35阿玻璃钝化整流桥 15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER 15,25,35阿玻璃钝化整流桥 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 15,25,35阿玻璃钝化整流桥 Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-TSSOP -40 to 125 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-TVSOP -40 to 85 3-Line To 8-Line Decoder / Demultiplexer 16-SOIC -40 to 85 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-SOIC -40 to 85 15/25/35A GLASS PASSIVATED BRIDGE RECTIFIER
|
Micro Commercial Components, Corp. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
STCCP27A STCCP27ATBR |
From old datasheet system 1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
|
STMICROELECTRONICS[STMicroelectronics]
|
MM74HC139_03 MM74HC139 MM74HC139M MM74HC139MTC MM7 |
Dual 2-To-4 Line Decoder
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74HCT139AF-12 TC74HCT139AP-12 |
Dual 2-to-4 Line Decoder
|
Toshiba Semiconductor
|
TC74VHC139F08 TC74VHC139FK |
Dual 2-to-4 Line Decoder
|
Toshiba Semiconductor
|
TC74AC139P TC74AC139F TC74AC139FN TC74AC139FP |
DUAL 2 - TO - 4 LINE DECODER
|
TOSHIBA[Toshiba Semiconductor]
|
TC74VHCT139AF07 TC74VHCT139AFK |
Dual 2-to-4 Line Decoder
|
Toshiba Semiconductor
|
KS74AHCT155 |
Dual 2-to-4 Line Decoder / Demultiplexers
|
Samsung Electronics
|
TC74AC139FT TC74AC139FN TC74AC139F TC74AC139P E004 |
DUAL 2-TO-4 LINE DECODER From old datasheet system
|
Toshiba
|
MC74HC139AD MC54_74HC139A MC54HC139AJ ON1349 MC54H |
From old datasheet system DUAL 1-OF-4 DECODER/DEMULTLPLEXER Dual 1-of-4 Decoder/Demultiplexer
|
ON Semi Motorola, Inc
|